PART |
Description |
Maker |
CT10.241 |
24V, 10A, THREE PHASE INPUT
|
PULS GmbH
|
PIC120.241C |
24V, 5A, SINGLE PHASE INPUT
|
PULS GmbH
|
S8PE-F96024C S8PE-F96024CD S8PE-J96024C S8PE-J9602 |
Three phase input switch mode Power Supply (DIN-rail mounting, 3-phase input Switch mode Power Supply with a range of 5A to 40A output current)
|
OMRON[Omron Electronics LLC]
|
8951380000 |
CP M SNT 1000W 24V 40A
|
Weidmuller
|
KBPC4000 |
40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
|
Zibo Seno Electronic En...
|
STP60NH2LL P60NH2LL |
N-channel 24V - 0.010ohm - 40A TO-220 STripFET Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN |
Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 48V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
ML90.200 |
24V 3.75A, TWO-PHASE INPUT
|
PULS GmbH
|
HPR1XX HPR100 HPR101 HPR102 HPR103 HPR104 HPR105 H |
DC/DC converter, input 15V, output 12V DC/DC converter, input 24V, output /-12V MINIATURE SIP, DIP AND SMD PACKAGES DC/DC converter, input 24V, output /-15V DC/DC converter, input 12V, output /-5V
|
CANDD[C&D Technologies]
|
CP10.242-R2 CP10.241-R2 CP10.241-R1 CP10.241-R3 |
24V, 10A, 240W, SINGLE PHASE
|
PULS GmbH
|
CP20.241 CP20.241-S2 CP20.241-C1 CP20.242 CP20.241 |
24V, 20A, 480W, SINGLE PHASE
|
PULS GmbH
|
LTC2348ILX-16PBF |
Octal, 16-Bit, 200ksps Differential ±10.24V Input SoftSpan ADC with Wide Input Common Mode Range
|
Linear Technology
|